Part Number Hot Search : 
CM2334 67A42 ISL88021 63245 AK4185 75100 RL205 ASRD715
Product Description
Full Text Search
 

To Download FP203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN4496
FP203
PNP/NPN Epitaxial Planar Silicon Transistors
Push-Pull Circuits
Features
* Composite type with 2 transistors of PNP transistor and NPN transistor,facilitating high-density mounting. * The FP203 is formed with chips, being equivalent to the 2SB1122 and 2SD1622, placed in one package. Electrical Connection
1:Base (PNP TR) 2:Collector (PNP TR) 3:Emitter Common 4:Collector (NPN TR) 5:Base (NPN TR) 6:Collector (NPN TR) 7:Collector (PNP TR) (Top view)
Package Dimensions
unit:mm 2097A
[FP203]
1:Base (PNP TR) 2:Collector (PNP TR) 3:Emitter Common 4:Collector (NPN TR) 5:Base (NPN TR) 6:Collector (NPN TR) 7:Collector (PNP TR) SANYO:PCP5 (Bottom view)
( ) : PNP
Conditions Ratings (-)60 (-)50 (-)5 (-)1 (-)2 (-)0.2 Unit V V V A A A W W
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Total Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PC PT Tj Tstg
Mounted on ceramic board (250mm2x0.8mm) 1unit Mounted on ceramic board (250mm2x0.8mm)
0.75 1.0 150 -55 to +150
C C
Electrical Characteristics at Ta=25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance C-E Saturation Voltage B-E Saturation Voltage C-B Breakdown Voltage C-E Breakdown Voltage E-B Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol ICBO IEBO hFE fT Cob VCE(sat) VBE(sat) VCB=(-)50V, IE=0 VEB=(-)4V, IC=0 VCE=(-)2V, IC=(-)100mA VCE=(-)10V, IC=(-)50mA VCB=(-)10V, f=1MHz IC=(-)500mA, IB=(-)50mA 140 150 (12) 8.5 (-180) 120 IC=(-)500mA, IB=(-)50mA V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO ton tstg tf IE=(-)10A, IC=0 See specified Test Circuit See specified Test Circuit See specified Test Circuit (-)0.9 (-)60 (-)50 (-)5 40 (300) 350 30 (-400) 250 (-)1.2 Conditons Ratings min typ max (-)100 (-)100 400 MHz pF pF mV mV V V V V ns ns ns Unit nA nA
Marking:203
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52098HA (KT)/41594TH (KOTO) A8-9727 No.4496-1/4
FP203
Switching Time Test Circuit
No.4496-2/4
FP203
No.4496-3/4
FP203
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of May, 1998. Specifications and information herein are subject to change without notice.
PS No.4496-4/4


▲Up To Search▲   

 
Price & Availability of FP203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X